Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download MRF15060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF15060/D
The RF Sub-Micron Bipolar Line
RF Power Bipolar Transistors
Designed for broadband commercial and industrial applications at frequencies from 1400 to 1600 MHz. The high gain and broadband performance of these devices makes them ideal for large-signal, common-emitter class A and class AB amplifier applications in 26 volt amplitude modulated and multi-carrier base station equipment. * Guaranteed Two-Tone Performance at 1490 MHz, 26 Volts Output Power -- 60 Watts (PEP) Power Gain -- 10 dB Efficiency -- 33% * Characterized with Series Equivalent Large-Signal Impedance Parameters * S-Parameter Characterization at High Bias Levels * Excellent Thermal Stability * All Gold Metal for Ultra Reliability * Capable of Handling 3:1 VSWR @ 26 Vdc, 1490 MHz, 60 Watts (PEP) Output Power
MRF15060 MRF15060S
60 W, 1.49 GHz RF POWER BIPOLAR TRANSISTORS
CASE 451-04, STYLE 1 (MRF15060)
CASE 451A-01, STYLE 1 (MF15060S)
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Total Device Dissipation @ TC = 70C Derate above 70C Storage Temperature Range Operating Junction Temperature Symbol VCEO VCES VEBO IC PD Tstg TJ Rating Thermal Resistance, Junction to Case Symbol RJC Value 25 60 60 8 185 1.43 - 65 to +150 200 Unit Vdc Vdc Adc Adc Watts W/C C C
THERMAL CHARACTERISTICS
Max 0.7 Unit C/W
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1996
MRF15060 MRF15060S 1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 50 mAdc, IB = 0) Collector-Emitter Breakdown Voltage (IC = 50 mAdc, VBE = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0 mAdc) Collector Cutoff Current (VCE = 30 Vdc, VBE = 0) V(BR)CEO V(BR)CES V(BR)EBO ICES 25 60 3 -- -- -- 3.5 -- -- -- -- 10 Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 1 Adc, VCE = 5 Vdc) hFE 20 40 80 --
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 26 Vdc, IE = 0, f = 1.0 MHz) (1) Cob -- 55 -- pF
FUNCTIONAL TESTS (In Motorola Test Circuit. See Figure 1)
Common-Emitter Amplifier Power Gain (VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA, f1 = 1490.0 MHz, f2 = 1490.1 MHz) Collector Efficiency (VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA, f1 = 1490.0 MHz, f2 = 1490.1 MHz) 3rd Order Intermodulation Distortion (VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA, f1 = 1490.0 MHz, f2 = 1490.1 MHz) Input Return Loss (VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA, f1 = 1490.0 MHz, f2 = 1490.1 MHz) Output Mismatch Stress (VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA, f1 = 1490.0 MHz, f2 = 1490.1 MHz, VSWR = 3:1, at All Phase Angles) (1) For information only. This part is collector matched. Gpe 10 11.7 -- dB
33
38
--
dB
IMD
--
- 32
- 28
dB
IRL
12
20
--
dB
No Degradation in Output Power
MRF15060 MRF15060S 2
MOTOROLA RF DEVICE DATA
VBASE R1 D1 Q2 R2 B1 Q1 C17
+
C18
C10 R3 C6 C7
C11
+C12
B2 R4 C8 L2 C9
C13
C14
+C15 +C16
VCC
L1 C3
TL4 TL1 INPUT C1 TL2 DUT C5 C4 TL3 C2 OUTPUT
B1, B2 C1, C2, C6, C8 C3 C4, C5 C7, C9 C10, C13 C11, C14, C17 C12, C15, C18 C16
Short RF Bead Fair Rite-2743019447 18 pF, Chip Capacitor 3.9 pF, Chip Capacitor 0.6-4.5 pF, Variable Capacitor 100 pF, Chip Capacitor 1000 pF, Chip Capacitor 0.1 F, 50 Vdc Ceramic Capacitor 10 F, 50 Vdc Electrolytic Capacitor 250 F, 50 Vdc Electrolytic Capacitor
D1 L1, L2 Q1 Q2 R1 R2 R3, R4 TL1-TL4 Board
Diode, 1N4003 3 Turns, 20 AWG, IDIA 0.102 (17.7 nH) Transistor, NPN BD135 Transistor, PNP BD136 120 , 1/4 W Resistor 51 , 1/4 W, Chip Resistor 4 x 39 , 1/8 W Chip Resistors Microstrip Line See Photomaster 1/32 Glass Teflon(R), Arlon GX-0300-55-22, r = 2.55
Figure 1. MRF15060 RF Test Fixture Schematic
MOTOROLA RF DEVICE DATA
MRF15060 MRF15060S 3
TYPICAL CHARACTERISTICS
80 Pout , OUTPUT POWER (WATTS) 70 60 50 40 30 20 10 0 0 1 VCC = 26 Vdc ICQ = 200 mA f = 1490.0 MHz 3 5 2 4 Pin, INPUT POWER (WATTS) 6 7 Pout 11 11.5 Gpe 12 G pe , GAIN (dB) 12.5 Pout , OUTPUT POWER (WATTS) 80 70 Pin = 5 W 60 50 2.5 W 40 30 20 10 10.5 0 1400 1420 1440 1460 1480 1500 1520 1540 1560 1580 1600 f, FREQUENCY (MHz) 1W VCC = 26 Vdc ICQ = 200 mA Single Tone
Figure 2. Output Power & Power Gain versus Input Power
Figure 3. Output Power versus Frequency
IMD, INTERMODULATION DISTORTION (dBc)
- 25 G pe , POWER GAIN (dB) - 30 - 35 - 40 - 45 - 50 - 55 - 60 - 65 - 70 0 10 7th Order VCC = 26 Vdc ICQ = 200 mA f1 = 1490.0 MHz f2 = 1490.1 MHz 30 50 20 40 Pout, OUTPUT POWER (WATTS) PEP 60 70 5th Order 13 3rd Order Gpe 12 11 IMD 10 9 8 ICQ = 200 mA f1 = 1490.0 MHz f2 = 1490.1 MHz 18 20 22 24 26 VCC, SUPPLY VOLTAGE (Vdc) 28 -30 -35 -40 30 -20 -25 -15
Figure 4. Intermodulation Distortion versus Output Power
Figure 5. Power Gain and Intermodulation Distortion versus Supply Voltage
IMD, INTERMODULATION DISTORTION (dBc)
- 20 - 25 - 30 - 35 - 40 - 45 - 50 0.1 G pe , POWER GAIN (dB) ICQ = 100 mA 200 mA 400 mA 600 mA VCC = 26 Vdc f1 = 1490.0 MHz f2 = 1490.1 MHz 10 100
14 13 ICQ = 600 mA 12 11 200 mA 10 9 8 VCC = 26 Vdc f1 = 1490.0 MHz f2 = 1490.1 MHz 1 10 100 400 mA
100 mA 0.1
1
Pout, OUTPUT POWER (WATTS) PEP
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion versus Output Power
Figure 7. Power Gain versus Output Power
MRF15060 MRF15060S 4
MOTOROLA RF DEVICE DATA
IMD, INTERMODULATION DISTORTION (dBc)
- 20
14
-10
13 Gpe 12 G pe , POWER GAIN (dB)
50 , EFFICIENCY (%) Pout , OUTPUT POWER (dBm)
60 50 FUNDAMENTAL
45
40 30 20 10 0 - 10 - 20 - 30 - 40 15 20 25 30 35 40 Pin, INPUT POWER (dBm) 45 50 VCE = 26 Vdc IC = 3 A f1 = 1490.0 MHz f2 = 1490.1 MHz 3rd ORDER
11
VCC = 26 Vdc ICQ = 200 mA Pout = 60 W (PEP) VSWR
40
10
35 INPUT VSWR
3.0 2.5 2.0 1.5 1.0
9 8 1425
30 25 1550
1450
1475 1500 f, FREQUENCY (MHz)
1525
Figure 8. Performance in Broadband Circuit
8 IC, COLLECTOR CURRENT (Adc)
Figure 9. Class A Third Order Intercept Point
6 Tflange = 75C BREAKDOWN LIMITED 28 Tflange = 100C
4
2 TJ = 175C
0 0 4 8 12 16 20 24 VCE, COLLECTOR SUPPLY VOLTAGE (Vdc)
Figure 10. DC Safe Operating Area
MOTOROLA RF DEVICE DATA
MRF15060 MRF15060S 5
1400 MHz 1450 1500 1400 MHz 1550 Zin 1600 1450 1500 ZOL* 1550 1600 Zo = 10
VCC = 26 Vdc, ICQ = 200 mA, Pout = 60 Watts PEP f MHz 1400 1450 1500 1550 1600 Zin(1) Ohms 1.07 + j3.4 1.04 + j3.0 1.01 + j2.7 0.99 + j2.3 0.97 + j1.9 ZOL* Ohms 2.25 + j3.1 2.37 + j2.4 2.46 + j2.1 2.54 + j1.4 2.66 + j1.0
Zin(1)= Conjugate of fixture base impedance. ZOL* = Conjugate of the optimum load impedance at given output power, voltage, bias current and frequency.
Figure 11. Series Equivalent Input and Output Impedence
MRF15060 MRF15060S 6
MOTOROLA RF DEVICE DATA
Q2 C17 R1 D1 C12 C11 C10 C18 R2 B1 Q1 C7 L1 TL2 C6 C3 R3
C14 C13 R4 C15 C16 B2 C9 C8
L2 W1 W2 TL3 C2 TL4
TL1
C1
C4
C5
MRF15060
Figure 12. MRF15060 Component Parts Layout
Table 1. Typical Common Emitter S-Parameters (VCC = 26 V) ID = 3.0 A
f MHz 1000 1050 1100 1150 1200 1250 1300 1350 1400 1450 1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 S11 |S11| 0.964 0.958 0.957 0.956 0.955 0.953 0.941 0.922 0.920 0.901 0.903 0.906 0.913 0.921 0.946 0.974 0.968 0.966 0.947 0.918 0.912 163 162 161 160 158 157 155 154 153 152 151 152 153 154 154 155 154 153 152 151 150 |S21| 0.28 0.30 0.31 0.34 0.38 0.42 0.47 0.55 0.67 0.80 0.83 0.70 0.51 0.38 0.29 0.34 0.19 0.16 0.14 0.12 0.09 S21 93 87 82 76 70 62 53 43 28 6 -24 -54 -75 -89 -98 -107 -115 -121 -128 -138 -146 |S12| 0.018 0.018 0.017 0.022 0.023 0.022 0.019 0.015 0.013 0.012 0.007 0.008 0.009 0.010 0.012 0.014 0.016 0.018 0.021 0.027 0.031 S12 73 76 81 73 67 57 60 64 66 71 76 89 92 95 97 105 116 138 143 151 159 |S22| 0.991 0.989 0.987 0.982 0.969 0.956 0.937 0.915 0.891 0.880 0.911 0.954 0.971 0.973 0.974 0.976 0.977 0.978 0.980 0.982 0.985 S22 178 178 179 179 179 180 180 -180 -180 -180 -179 -180 -180 -179 -179 -178 -178 -177 -177 -177 -176
MOTOROLA RF DEVICE DATA
MRF15060 MRF15060S 7
PACKAGE DIMENSIONS
G
1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
R
3 2
-B-
Q K D
2 PL
0.25 (0.010)
M
TA
M
B
M
N H E
F C -T-
SEATING PLANE
DIM A B C D E F G H K N Q R
INCHES MIN MAX 0.995 1.005 0.380 0.390 0.170 0.205 0.455 0.465 0.060 0.075 0.004 0.006 0.800 BSC 0.078 0.090 0.117 0.137 0.595 0.605 0.120 0.130 0.395 0.410
MILLIMETERS MIN MAX 25.27 25.53 9.65 9.91 4.32 5.21 11.56 11.81 1.52 1.91 0.10 0.15 20.32 BSC 1.98 2.29 2.97 3.48 15.11 15.37 3.05 3.30 10.03 10.41
-A-
STYLE 1: PIN 1. COLLECTOR 2. BASE 3. EMITTER
CASE 451-04 ISSUE D
1
-B- K D N H E F C -A-
3 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.615 0.625 0.395 0.410 0.170 0.205 0.455 0.465 0.060 0.075 0.004 0.006 0.078 0.090 0.117 0.137 0.595 0.605 MILLIMETERS MIN MAX 15.62 15.88 10.03 10.41 4.32 5.21 11.56 11.81 1.52 1.91 0.10 0.15 1.98 2.29 2.97 3.48 15.11 15.37
-T-
SEATING PLANE
DIM A B C D E F H K N
STYLE 1: PIN 1. COLLECTOR 2. BASE 3. EMITTER
CASE 451A-01 ISSUE O
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MRF15060 MRF15060S 8
*MRF15060/D*
MRF15060/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF15060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X